PART |
Description |
Maker |
SA43A-TP SA6.0A-TP SA150CA-TP SA8.0A-TP SCA45CA SA |
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS TVS 500W 20V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 10V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 20V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.5V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 5.0V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.0V BIDIRECT DO-15
|
http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
SMCJ18A-TP SMCJ78CA-TP SMCJ48CA-TP SMCJ58CA-TP SMC |
TVS 1500W 18V UNIDIRECT SMC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 78V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 48V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 58V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 9.0V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 16V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 26V UNIDIRECT SMC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 7.0V UNIDIRECT SMC TVS 1500W 130V UNIDIRECT SMC
|
Micro Commercial Components, Corp.
|
MMBZ15VAL MMBZ9V1AL MMBZ5V6AL10 MMBZ27VAL MMBZ6V2A |
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS TVS UNIDIRECT CA 40W 14.5V SOT23 40 W, UNIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
|
Diodes Incorporated Diodes, Inc.
|
TOP101AI TOP103YA TOP102YI TOP100-4 TOP101YAI TOP1 |
Three-terminal Off-line PWM Switch Analog IC CONNECTOR ACCESSORY 连接器附 0-60 W TOPSwitch using a 100/110 VAC input 0-60糯的TOPSwitch使用100/110 VAC输入
|
Power Integrations Inc. Power Integrations, Inc. Bourns, Inc.
|
ASI10615 HF250-50 |
NPN Silicon RF Power Transistor(Ic:40 A,Vcbo: 110 V,Vceo: 55V,Vebo: 4.0 V)(NPN 硅型射频功率晶体Ic:40 A,Vcbo: 110 V,Vceo: 55V,Vebo: 4.0 V))
|
Advanced Semiconductor, Inc. ASI[Advanced Semiconductor]
|
933723190235 |
0.25 A, 110 V, 2 ELEMENT, SILICON, SIGNAL DIODE, TO-236AB
|
NXP SEMICONDUCTORS
|
70RIA80M |
Silicon Controlled Rectifier, 110 A, 800 V, SCR, TO-209AC
|
Vishay Semiconductors
|
2N1909 2N1910 2N1911 2N1912 2N1913 2N1914 2N1915 2 |
High Power Silicon Controlled Rectifier 110 A RMS 25 to 1200 Volts
|
New Jersey Semi-Conductor Products, Inc.
|
WM8141CFT/V WM8141 |
TVS UNIDIRECT 400W 40V SMA 12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
|
Wolfson Microelectronics plc Wolfson Microelectronic...
|
1N5809D3B-JQRS.GRPC |
3 A, 110 V, SILICON, RECTIFIER DIODE HERMETIC SEALED, CERAMIC, DLCC3, VARIANT B, 2 PIN
|
TT electronics Semelab, Ltd.
|
HCC4011 HCC4011B HCC4011BC1 HCC4011BEY HCC4011BF H |
DUAL D . TYPE FLIP.FLOP 32768 x 18 Synchronous FIFO Memory 80-LQFP 0 to 70 TVS UNIDIRECT 600W 18V SMB 与非 NAND GATES 与非
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
|